PART |
Description |
Maker |
FAR-F6CP-1G4890-D208 FAR-F5CP-881M50-D204 FAR-F5CP |
1 FUNCTIONS, 1441 MHz, SAW FILTER 1 FUNCTIONS, 947.5 MHz, SAW FILTER 1 FUNCTIONS, 881.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz)
|
FUJITSU LTD
|
803-RF243.95M-B |
243.95 MHz RF SAW Filter
|
Oscilent Corporation
|
SF0244CN03098S |
243.85 MHz SAW Filter 0.3 MHz Bandwidth
|
API Technologies Corp
|
FAR-F5CP-902M50-D205 FAR-F5CP-902M50-D205-V FAR-F5 |
Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 836.5 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 820 MHz, SAW FILTER Piezoelectric SAW BPF (700 to 1700MHz) 压电声表面波带通滤波器00700MHz至) Piezoelectric SAW BPF (700 to 1700MHz) 1 FUNCTIONS, 942.5 MHz, SAW FILTER LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator; Package: SOT-23; No of Pins: 5
|
FUJITSU LTD Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. FUJITSU[Fujitsu Media Devices Limited] Fujitsu Microelectronics
|
2SC4504C1-TD 2SA1575C1-TD 2SA1740E2-TD 2SA1575D-TD |
300 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 100 mA, 200 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 200 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-243 2000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243
|
SANYO SEMICONDUCTOR CO LTD
|
2SD2402 2SD2402EX 2SD2402EZ 2SD2402EY |
NPN epitaxial type silicon transistor TRANSISTOR,BJT,NPN,30V V(BR)CEO,5A I(C),TO-243 TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 5A I(C) | TO-243 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 2SD2402数据表|数据表[04/2002]
|
nec Dialight PLC
|
SF0070BA03052S |
70 MHz Low Loss SAW Filters 70 MHz Filter 3.5 MHz Bandwidth 1 FUNCTIONS, 70 MHz, SAW FILTER
|
API Technologies Corp ICS Integrated Circuit Systems SPECTRUM CONTROL INC
|
PTB-64A-10B PTB-64A-250B PTM-64A-250B PTM-64A-10B |
243.75 MHz - 256.25 MHz, 0 deg - 360 deg RF/MICROWAVE DIGITALLY CONTROLLED PH SHFTR 650V Hybrid Controller IC and HEXFET Power MOSFET for Quasi-Resonant including low frequency PRC Fly-Back Converter type SMPS Applications packaged in a 5-Lead TO-247 Fullpack Intelligent Power Switch 1 Channel Low Side Driver in a TO-220AB Package 6-Bit DIGITAL PHASE SHIFTER
|
MERRIMAC INDUSTRIES INC Merrimac Industries, Inc.
|
SAFJA40M0WQAZ00R10 |
1 FUNCTIONS, 40 MHz, SAW FILTER
|
MURATA MANUFACTURING CO LTD
|
AFS139.0W01-ND01 |
1 FUNCTIONS, 139 MHz, SAW FILTER
|
ABRACON CORP
|
B39911-B4648-Z610 |
1 FUNCTIONS, 914.5 MHz, SAW FILTER
|
EPCOS AG
|
KF448BU |
1 FUNCTIONS, 448 MHz, SAW FILTER
|
|
|